Part Number Hot Search : 
67A42 4ACT118 PIC16F MSP43 3X221 FJY4004R X799E B8806
Product Description
Full Text Search
 

To Download NTE2311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2311 Silicon NPN Transistor High Voltage, High Speed Switch
Description: The NTE2311 is a silicon NPN transistor in a TO218 type case designed for use in high voltage, high speed switching applications. Features: D High Blocking Capability: VCEX = 1000V D Wide Surge Area: ICSM = 55A @ 350V Applications: D Switchmode Power Supply D DC/DC and DC/AC Converters D Motor Control Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Collector-Emitter Voltage (VBE = -2.5V), VCEX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Collector Current (tp 5ms), IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Base Current (tp 5ms), IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Power Dissipation, Ptot TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150W TC = +60C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1C/W Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage VCEO(sus) IB = 0, IC = 200mA, L = 25mH Emitter-Base Breakdown Voltage Collector Cutoff Current V(BR)EBO IC = 0, IE = 50mA ICEX ICER TJ = +25C TJ = +125C TJ = +25C TJ = +125C VCE = VCEX, VBE = -2.5V VCE = VCEX, RBE = 10 450 7 - - - - - - - - - - - 30 0.2 2.0 0.5 4.0 V V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TJ = +25C unless otherwise specified)
Parameter OFF Characteristics (Cont,d) Emitter Cutoff Current ON Characteristics (Note 1) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Turn-On Time Storage Time Fall Time Storage Time Fall Time hFE VCE(sat) VBE(sat) ton ts tf ts tf TJ = +25C VCC = 300V, VBB = -5V, TJ = +125C LB = 3H, TJ = +25C IC = 8A, TJ = +125C IBend = 1.6A IC = 8Adc, VCE = 5Vdc) IC = 8A, IB = 1.6A IC = 12A, IB = 2.4A IC = 8A, IB = 1.6A VCC = 150V, IC = 8A, IB1 = -IB2 = 1.6A Switching Characteristics (Switching Times on Resistive Load) - - - - - - - 0.55 1.5 0.3 3.5 - 0.08 - 1.0 3.0 0.8 - 5.0 - 0.4 s s s s s s s 10 - - - - - - - - 1.5 5.0 1.6 - V V V IEBO IC = 0, VBE = -5V - - 1 mA Symbol Test Conditions Min Typ Max Unit
Switching Characteristics (Switching Times on Inductive Load)
Note 1. Pulse Test: Pulse Width < 300s, Duty Cycle < 2%
.600 (15.24)
.060 (1.52) .173 (4.4)
C
.156 (3.96) Dia. B C E
.550 (13.97)
.430 (10.92)
.500 (12.7) Min .055 (1.4) .015 (0.39)
.216 (5.45)
NOTE: Dotted line indicates that case may have square corners


▲Up To Search▲   

 
Price & Availability of NTE2311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X